Part Number Hot Search : 
OPB355T 16X5R 2760AS 0CTQ1 SI4435 M29F10 BU2993FV KLQ03
Product Description
Full Text Search
 

To Download TSD2931 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SD2931
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
TARGET DATA
s s s s
GOLD METALLIZATION EXCELLENT THERMAL STABILITY COMMON SOURCE CONFIGURATION POUT = 150W MIN. WITH 14 dB GAIN @175 MHz
DESCRIPTION The SD2931 is a gold metallized N-Channel MOS field-effect RF power transistor. The SD2931 is intended for use in 50V dc large signal applications up to 230 MHz
M174 epoxy sealed ORDER CODE BRANDING SD2931 TSD2931
PIN CONNECTION
1. Drain 2. Source ABSOLUTE MAXIMUM RATINGS (Tcase = 25 oC)
Symbol V DGR V GS ID P DISS Tj T STG Parameter Drain-Gate Voltage (R GS = 1M) Gate-Source Voltage Drain Current Power Dissipation Max. Operating Junction Temperature Storage Temperature Value 125 125 20 16 292 200 -65 to 150
3.Gate 4. Source
Unit V V V A W
o o
V (BR)DSS Drain Source Voltage
C C
THERMAL DATA
R th(j-c) R th(c-s) Junction-Case Thermal Resistance Case-Heatsink Thermal Resistance 0.6 0.2
o o
C/W C/W
* Determined using a flat aluminum or copper heatsink with thermal compound applied (Dow Corning 340 or equivalent).
November 1999
1/4
SD2931
ELECTRICAL SPECIFICATION (Tcase = 25 oC) STATIC
Symbol V (BR)DSS I DSS I GSS V GS(Q) V DS(ON) G FS C ISS C OSS C RSS V GS = 0V V GS = 0V V GS = 20V V DS = 10V V GS = 10V V DS = 10V V GS = 0V V GS = 0V V GS = 0V Parameter I DS = 100 mA V DS = 50 V V DS = 0 V I D = 250 mA I D = 10 A ID = 5 A V DS = 50 V V DS = 50 V V DS = 50 V f = 1 MHz f = 1 MHz f = 1 MHz 5 480 180 15 2 2.7 Min. 125 5 5 5 3 Typ. Max. Unit V mA A V V mho pF pF pF
DYNAMIC
Symbol P OUT G PS D f = 175 MHz f = 175 MHz f = 175 MHz Parameter V DD = 50 V V DD = 50 V V DD = 50 V I DQ = 250 mA P out = 150 W P out = 150 W P out = 150 W I DQ = 250 mA I DQ = 250 mA I DQ = 250 mA Min. 150 14 55 10:1 15 65 Typ. Max. Unit W dB % VSWR
Load f = 175 MHz V DD = 50 V Mismatch All Phase Angles
IMPEDANCE DATA
FREQ. 30 MHz 175 MHz
Z IN () 1.7 - j 5.7 1.2 - j 2.0
Z DL () 6.8 + j 0.9 2.0 + j 2.4
2/4
SD2931
M174 (.500 DIA 4L N/HERM W/FLG) MECHANICAL DATA
mm MIN. A B C D E F G H I J K L M 25.53 3.05 24.64 12.57 0.08 2.11 3.81 6.22 18.28 3.18 24.89 12.83 0.18 3.00 4.45 7.11 26.67 3.30 1.005 0.120 0.970 0.495 0.003 0.083 0.150 5.56 3.18 6.48 18.54 0.245 0.720 0.125 0.980 0.505 0.007 0.118 0.175 0.280 1.050 0.130 TYP. MAX. 5.84 MIN. 0.219 0.125 0.255 0.730 inch TYP. MAX. 0.230
DIM.
Controlling Dimension in Inches
1011000D
3/4
SD2931
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
4/4


▲Up To Search▲   

 
Price & Availability of TSD2931

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X